PART |
Description |
Maker |
REC5-123.3SRW REC5-483.3RWZ_H1 REC5-1205RW_H1 REC5 |
5 Watt DIP24 / SMD Single & Dual Output 5瓦特DIP24 /贴片 249-2060-001 5 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP05-483.3SAW RP05-2405DAW RP05-2405SAW RP05-2412D |
5 Watt DIP24 & SMD, Single & Dual Output 5瓦特DIP24 5 Watt DIP24 & SMD, Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC7.5-XX3.3SRWHAM REC7.5-XX05SRWHAM REC7.5-XX09SR |
7.5 Watt DIP24 & SMD Single & Dual Output
|
Recom International Power
|
RP08-2405DAW |
8 Watt DIP24/SMD Single & Dual Output
|
Recom International Pow...
|
RW-053.3S RW-053.3S_SMD RW-053.3S06 RW-0512S_SMD R |
3 Watt DIP24/SMD Low Profile Package Single Output
|
RECOM[Recom International Power]
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC5-483.3SRWH3AM REC5-243.3SRWH2AMSMD REC5-123.3S |
5 Watt DIP24 & SMD Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
RV-0505D RV-0515D RV-0515S RV-1209S RV-1212S RV-12 |
2 Watt DIP24 Miniature Single & Dual Output
|
Recom International Pow...
|
REC3.5-XX15DRWR REC3.5-XX12SRWR REC3.5-XX05DRWR RE |
3.5 Watt DIP24 Reinforced Single & Dual Output
|
Recom International Power
|
RV-1524D RV-33S RV-0505S RV-0509S RV-0512D RV-0512 |
2 Watt DIP24 Miniature Single & Dual Output 2瓦特DIP24微型 CAP CER 390PF 50V 0402 LOW DIST Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight GRIPPER(MOVEABLE) RoHS Compliant: NA 2 Watt DIP24 Miniature Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RTS-123.3 RTS-093.3 RTS-243.3 RTD-0505 RTD-0509 RT |
2 Watt SMD Single & Dual Output 2瓦特贴片 Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-26 2 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-240512DRWI REC3-240512DRWIA REC3-240512DRWIAM |
3 Watt DIP24 Isolated Dual Output
|
RECOM Power Inc.
|